PART |
Description |
Maker |
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
PIC12CE518-04/SN PIC12CE518-04E/SM PIC12CE518-04I/ |
8-Pin/ 8-Bit CMOS Microcontroller with EEPROM Data Memory GIGABASE 350 CAT5E PATCH 6 FT, NON BOOT, PURPLE HDMI (F) TO DVI (M) 24 PIN SWIVEL ADAPTER Fuse; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory 8引脚8位微控制器的CMOS EEPROM数据存储 IC-SM-8-BIT MCU 集成电路位微控制
|
Microchip Technology Inc. Microchip Technology, Inc. Cinch Connectors
|
MB89P657APFV-102 MB89P657APFV-105 MB89P657APFV-101 |
Quadruple Bus Buffer Gates With 3- State Outputs 14-CDIP -55 to 125 8-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP100 LJT 79C 79#22D PIN REAR WALL 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100
|
Fujitsu Component Limited. Fujitsu, Ltd. Fujitsu Limited
|
PIC16F785 PIC16F785-I_P PIC16F785-I_SO PIC16F785-I |
20-Pin Flash-Based 8-Bit CMOS Microcontroller 20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
|
Microchip Technology
|
PIC16F84A-20_P PIC16F84A PIC16LF84A-04_PQTP PIC16L |
IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,18PIN,PLASTIC From old datasheet system 18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
C505-L C505C-2R C505A-2R C505-2R C505A-4E C505A-4R |
Circular Connector; No. of Contacts:5; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:18; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:18-5 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8位微控制器与2/4/8K字节在系统可编程闪存 8-BIT, 20 MHz, MICROCONTROLLER, PQFP44 8-BIT, MROM, 20 MHz, MICROCONTROLLER, PQFP44 8-BIT, OTPROM, 20 MHz, MICROCONTROLLER, PQFP44
|
Infineon Technologies AG
|
P87LPC767FD P87LPC767FN P87LPC767HD |
Low power low price low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
|
Philips
|
RFPIC12C509 RFPIC12C509AF RFPIC12C509AG |
18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter 18/20-Pin 8-Bit CMOS Microcontroller
with UHF ASK/FSK Transmitter From old datasheet system
|
Microchip Technology
|
P87LPC762 |
Low power, low price, low pin count (20 pin) microcontroller with 2 kbyte OTP
|
Philips
|
P87LPC760 P87LPC760BDH P87LPC760BN |
Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
|
PHILIPS[Philips Semiconductors]
|